Part Number Hot Search : 
M3E63XPX OPF370D 100GA R12KE SK592 RX5500 2G102M D2425
Product Description
Full Text Search
 

To Download IRF730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220 -3l plastic-encapsulate mosfets IRF730 mosfet( n-channel ) features z dynamic dv/dt rating z repetitive avalanche rated z fast switching z ease of paralleling z simple drive requirement description third generation hexfets from internation rectifier provide the designer with the best combination of fast switching ,ruggedized device design,low on-resistance and cost effectiveness. the to-220 package is universally pr eferred for all commercial-industrial applications. the low thermal resistan ce and low package cost of the to-220 contribute to its wide accept ance throughout the industry. maximum ratings(t a =25 unless otherwise noted ) symbol parameter value units 5.5 a i d continuous drain current, v gs @ 10 v t c =25 t c =100 3.5 a i dm pulsed drain current (note 1 ) 22 a p d power dissipation 2 w v gs gate-souse voltage 20 v e as single pulse avalanche energy (note 2 ) 290 mj i ar avalanche current (note 1 ) 5.5 a e ar repetitive avalanche ener gy (note 1 ) 7.4 mj dv/dt peak diode recovery dv/dt (note 3 ) 4.0 v/ns r ja thermal resistance from junction to ambient 62.5 /w t j junction temperature 150 t stg storage temperature -55~+150 to-220 -3l 1. gate 2. drain 3. sour ce 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jan,2014
electrical characteristics (t a =25 unless otherwise specified) parameter symbol test f onditions min typ max unit drain-source breakdown voltage v (br)dss v gs =0v,i d =250a 400 gate-threshold voltage v (gs) th v ds =v gs , i d =250a 2 4 v gate-body leakage l gss v ds =0v, v gs =20v 100 na v ds =400v, v gs =0v 25 zero gate voltage drain current i dss v ds =320v,v gs =0v,t j =125 250 a drain-source on-resistance (note 4 ) r ds( r n ) v gs =10v, i d =3.3a 1.0  forward transconductance (note 4 ) g fs v ds =50v, i d =3.3a 2.9 s diode forward voltage v sd i s =5.5a, v gs =0v 1.6 v total gate charge q g 38 gate-source charge q gs 5.7 gate-drain charge q gd v ds =320v, v gs =10v,i d =3.5a 22 nc input capacitance (note 5 ) c iss 700 output capacitance (note 5 ) c oss 170 reverse transfer capacitance (note 5 ) c rss v ds =25v, v gs =0v,f=1mhz 64 pf turn-on time(note 4 ,5) t d( o n) 10 rise tme(note 4,5 ) t r  15 turn-off tme(note 4,5 ) t d(off) 38 fall time(note 4 ,5) t f v dd =200v,r d =57  , i d =3.5a, r g =12  14 ns notes: 1. repetitive rating ;pulse width limit ed by maximum junction temperature. 2. l=16mh, i as =5.5a, v dd =50v, r g =25  , starting t j = 25 . 3. i sd ? 5.5a, di/dt ? 90a/s, v dd ? v (br)dss , t j ? 150 . 4. pulse width ? 300s, duty cycle ? 2%. 5. these parameters have no way to verify. 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jan,2014
01234567 0.0 0.4 0.8 1.2 1.6 2.0 25 50 75 100 125 0 1 2 3 4 5 0.0 0.4 0.8 1.2 1.6 0.01 0.1 1 345678910 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 5 10 15 20 25 30 0 1 2 3 4 5 6 7 8 v ds =10v pulsed drain current i d (a) gate to source voltage v gs (v) transfer characteristics t a =100 t a =25 i d =250ua threshold voltage threshold voltage v th (v) junction temperature t j ( ) 5.5 pulsed source current i s (a) source to drain voltage v sd (v) v sd i s ?? t a =100 t a =25 pulsed i d =3.3a r ds(on) ?? v gs on-resistance r ds(on) ( ) gate to source voltage v gs (v) t a =100 t a =25 t a =25 pulsed on-resistance r ds(on) ( ) drain current i d (a) i d ?? r ds(on) v gs =10v v gs =5.5v pulsed IRF730 output characteristics drain current i d (a) drain to source voltage v ds (v) v gs = 6v 10v v gs =5v v gs =4.5v 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jan,2014


▲Up To Search▲   

 
Price & Availability of IRF730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X